PART |
Description |
Maker |
AT49BV640S AT49BV640ST |
64-megabit (4M x 16) Secure 3-volt Only Memory
|
ATMEL Corporation
|
AT49BV160S |
16-megabit(1M x 16) Secure 3-volt Only Memory
|
ATMEL Corporation
|
AT88SC153-09HT-00 AT88SC153-09GT-00 AT88SC153-10WI |
3 x 64 x 8 Secure Memory with Authentication 16 Characters x 4 Lines, 5x7 Dot Matrix Character and Cursor 3 x 64 x 8 Secure Memory with Authentication 2K X 1 I2C/2-WIRE SERIAL EEPROM, XMA8
|
ATMEL Corporation Atmel Corp. Atmel, Corp. http://
|
AT90SC19264RC |
AT90SC19264RC Summary [Updated 8/02. 2 Pages] This document gives the key features. a brief description and a block diagram. The Complete is available under Non-Disclosure Agreement. AT90SC19264RC摘要[更新8日2页]本文件提供的主要特点。简短说明和框图。完整的可根据保密协议 SECURE MICROCONTROLLER FOR SMART CARDS Low-power, high-performance, 8-/16-bit secure microcontroller with 192K Byte ROM and 64K Byte EEPROM.
|
Cypress Semiconductor Corp. ATMEL[ATMEL Corporation]
|
S29GL032N90TFI040 S29GL032N90TFI042 S29GL032N90TFI |
64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
|
SPANSION
|
AT49LW080 AT49LW040 AT49LW040-33JC AT49LW040-33TC |
8-megabit and 4-megabit Firmware Hub Flash Memory
|
Atmel Corp.
|
AM50DL9608GT75IS AM50DL9608GT70IS AM50DL9608GT70IT |
64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and 8 Mbit SPECIALTY MEMORY CIRCUIT, PBGA73
|
Spansion Inc. Spansion, Inc.
|
CAT35C804A CAT35C804APITE13 CAT35C804APATE13 CAT35 |
4K-bit secure access serial EEPROM 4K-Bit Secure Access Serial E2PROM
|
Catalyst Semiconductor
|
AM27C040 AM27C040-120 AM27C040-120DCB AM27C040-120 |
4 Megabit (512 K x 8-Bit) CMOS EPROM SEAL,NEOPRENE,CYLINDRICAL CONNECTR& 4兆位12亩8位)的CMOS存储 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 UVPROM, 120 ns, CDIP32 4 Megabit (512 K x 8-Bit) CMOS EPROM 4兆位12亩8位)的CMOS存储 Dual 4-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SOIC 0 to 70 4兆位12亩8位)的CMOS存储 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 UVPROM, 150 ns, CDIP32 8-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SOIC 0 to 70 512K X 8 OTPROM, 120 ns, PDIP32 8-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-PDIP 0 to 70 4兆位12亩8位)的CMOS存储 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 150 ns, PQCC32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 120 ns, PQCC32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 UVPROM, 90 ns, CDIP32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 90 ns, PDIP32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 90 ns, PQCC32 MEMORY KEY, USBFTV, SEALED, 1GB; Colour:Green; Series:USB FTV RoHS Compliant: No
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
AT90SC6464C-USB |
Secure Microcontroller
|
ATMEL[ATMEL Corporation]
|
X76F200SIG-2.0 X76F200PIG-2.0 X76F2008IG-2.0 X76F2 |
Secure Serial Flash
|
http:// IC MICROSYSTEMS
|